PART |
Description |
Maker |
08-52-0123 08-65-0816 08-65-0812 08-65-0801 |
Crimp Socket Contact; Wire Size (AWG):30-22; Contact Material:Phosphor Bronze RoHS Compliant: Yes PHOSPHOR BRONZE, TIN (100) FINISH, WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):30-22; Contact Material:Phosphor Bronze; Contact Plating:Gold PHOSPHOR BRONZE, GOLD (15) OVER NICKEL FINISH, WIRE TERMINAL KK 100 Crp Term Std 22-30 Awg SGold PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL
|
Molex, Inc. MOLEX INC
|
TDS5000B TDS5054BE TDS5104B TDS5032B TDS5034B TDS5 |
Digital Phosphor Oscilloscopes Digital Phosphor Oscilloscope, 4 Channels, 350 MHz, Color LCD Digital Phosphor Oscilloscope, 2 Channels, 500 MHz, Color LCD Digital Phosphor Oscilloscope, 4 Channels, 1 GHz, Color LCD Digital Phosphor Oscilloscope, 4 Channels, 500 MHz, Color LCD Digital Phosphor Oscilloscope, 2 Channels, 350 MHz, Color LCD
|
List of Unclassifed Manufacturers ETC[ETC] Tektronix
|
50055-8103 50055-8111 |
B/B TERMINAL PHOSPHOR BRONZE, PCB TERMINAL 11CKT 2.5MM SOLDER TERM PHOSPHOR BRONZE, PCB TERMINAL
|
Molex, Inc.
|
39-00-0220 39-00-0222 39-00-0054 |
Crimp Pin Contact; Wire Size (AWG):24-18; Body Material:Phosphor Bronze; Series:5558; Operating Temp. Min:-40 C; Pitch Spacing:4.2mm; Voltage Rating:600V PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL Multipole Connector; Body Material:PA Polyamide (Nylon) 6/2; Connecting Termination:Crimp; Operating Voltage:250V; Pitch Spacing:0.062" RoHS Compliant: Yes PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL Connector Contact,PIN,CRIMP Terminal
|
Molex, Inc. MOLEX INC
|
EF12.6-K-H-10P-SMD |
PHOSPHOR BRONZE
|
FERYSTER Inductive Comp...
|
ER9.5-K-1S-8P-CPVS |
PHOSPHOR BRONZE
|
FERYSTER Inductive Componen...
|
ETD34-KH-14P |
PHOSPHOR BRONZE
|
FERYSTER Inductive Comp...
|
EE28-KV-10P-YW490 |
PHOSPHOR BRONZE
|
FERYSTER Inductive Comp...
|
0008560124 08-56-0124 |
Trifurcon Crimp Terminal 7258, 22-26 AWG, Bag, Phosphor Bronze Gold (Au) Trifurcon垄芒 Crimp Terminal 7258, 22-26 AWG, Bag, Phosphor Bronze Gold (Au)
|
Molex Electronics Ltd.
|
SML-LX3632SRSUGUSB LX3632SRSUGUSB |
TRIPLE COLOR LED, SUPER RED/ULTRA SUPER GREEN/ULTRA SUPER BLUE, 3.6 mm 3.2 x 2.6mm SURFACE MOUNT LED
|
LUMEX INC.
|
SF7W006S4E |
CONTACT PHOSPHOR BRONZE
|
Japan Aviation Electronics Industry, Ltd.
|
|